PART |
Description |
Maker |
MSM6545L-XXGS-2K MSM6545-XXGS-2K MSM6545-XXGS-K MS |
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller Operatable.9 V和内置蜂鸣器电路4位微控制
|
OKI SEMICONDUCTOR CO., LTD.
|
MSM6546L MSM6546 MSM6546_MSM6546L |
Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller From old datasheet system
|
OKI
|
MSM6576-XXGS-K MSM6576 MSM6576-XXGS-2K |
Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
|
OKI electronic componet... OKI[OKI electronic componets]
|
EMA2 |
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors) Built-In Biasing Resistors, R1 = R2 = 47kW.
|
Rohm
|
DTA143ZE DTA143ZKA DTA143ZSA DTA143ZUA A5800431 |
Digital Transistor(Built in Resistor) From old datasheet system Digital transistors (built-in resistors)
|
Rohm CO.,LTD.
|
UN911CJ UN911BJ UN9118 UNR9118 UN9110 UNR9110 UN91 |
UNR911X Series (UN911X Series) - PNP Transistor with built-in Resistor 3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers Transistors with built-in Resistor
|
Matsshita / Panasonic
|
STA475A06 STA475A |
Sink Driver Array With Built-in Avalanche Diode NPN Darlington With built-in avalanche diode
|
Sanken electric
|
UN4212 UNR4212 UN4211 UN4216 UNR4216 UN4213 UNR421 |
Composite Device - Transistors with built-in Resistor 复合装置-内置晶体管,电阻 UNR421X Series (UN421X Series) - NPN Transistors with built-in Resistor
|
Matsshita / Panasonic
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
STA413 STA413A |
NPN Darlington With built-in avalanche diode NPN With built-in avalanche diode
|
SANKEN[Sanken electric]
|
BCR133L3 BCR133F |
Single digital (Built-In Resistor) AF-Transistors in TSLP-3 Package Single digital (Built-In Resistor) AF-Transistors in TSFP-3 Package
|
Infineon
|
BCR148L3 BCR148F |
Single digital (Built-In Resistor) AF-Transistors in TSLP-3 Package Single digital (Built-In Resistor) AF-Transistors in TSFP-3 Package
|
Infineon
|